công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 327 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 327 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 323Page - Renesas Technology Corp H8S/2437 Datasheet HTML 324Page - Renesas Technology Corp H8S/2437 Datasheet HTML 325Page - Renesas Technology Corp H8S/2437 Datasheet HTML 326Page - Renesas Technology Corp H8S/2437 Datasheet HTML 327Page - Renesas Technology Corp H8S/2437 Datasheet HTML 328Page - Renesas Technology Corp H8S/2437 Datasheet HTML 329Page - Renesas Technology Corp H8S/2437 Datasheet HTML 330Page - Renesas Technology Corp H8S/2437 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 746 page
background image
Rev. 1.00, 09/03, page 289 of 704
11.7.2
Compare-Match Count Mode
When bits CKS2 to CKS0 in TCRX are B'100, TCNTX counts the occurrence of compare-match
A for the TMRY. TMRY and TMRX are controlled independently. Conditions such as setting of
the CMF flag, generation of interrupts, output from the TMO pin, and counter clearing are in
accordance with the settings for the TMRY and TMRX.
11.7.3
Input Capture Operation
The TMRX has input capture registers (TICR, TICRR, and TICRF). A narrow pulse width can be
measured with TICRR and TICRF, using a single capture. If the falling edge of TMRIX (TMRX
input capture input signal) is detected after its rising edge has been detected, the value of TCNTX
at that time is transferred to both TICRR and TICRF.
Input Timing of Input Capture Signal:
Figure 11.11 shows the timing of the input capture operation.
φ
TMRIX
Input capture
signal
TCNTX
n
nn
m
M
m
N + 1
N
N
n + 1
TICRR
TICRF
Figure 11.11 Timing of Input Capture Operation
If the input capture signal is input while TICRR and TICRF are being read, the input capture
signal is delayed by one system clock
(φ) cycle. Figure 11.12 shows the timing of this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com