công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 181 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 181 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 177Page - Renesas Technology Corp H8S/2437 Datasheet HTML 178Page - Renesas Technology Corp H8S/2437 Datasheet HTML 179Page - Renesas Technology Corp H8S/2437 Datasheet HTML 180Page - Renesas Technology Corp H8S/2437 Datasheet HTML 181Page - Renesas Technology Corp H8S/2437 Datasheet HTML 182Page - Renesas Technology Corp H8S/2437 Datasheet HTML 183Page - Renesas Technology Corp H8S/2437 Datasheet HTML 184Page - Renesas Technology Corp H8S/2437 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 746 page
background image
Rev. 1.00, 09/03, page 143 of 704
7.3
Port 2
Port 2 is an 8-bit I/O port. Port 2 pins also function as address bus pins, address/data multiplex bus
pins, and TPU I/O pins. Pin functions change according to the operating mode.
Port 2 has the following registers.
• Port 2 data direction register (P2DDR)
• Port 2 data register (P2DR)
• Port 2 register (PORT2)
• Port 2 pull-up MOS control register (P2PCR)
7.3.1
Port 2 Data Direction Register (P2DDR)
The individual bits in P2DDR specify input or output for the pins of port 2. The read value is
undefined.
Bit
Bit Name
Initial Value R/W
Description
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
3
P23DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
0
P20DDR
0
W
• In normal extended mode
The corresponding port 2 pin is an address output
when a P2DDR bit is set to 1, and an input port
when cleared to 0.
• In multiplex extended mode
Operation is not affected.
• In single-chip mode
While a general I/O port function is selected, the
corresponding port 2 pin is an output port when a
P2DDR bit is set to 1, and an input port when
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com