công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 183 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 183 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 179Page - Renesas Technology Corp H8S/2437 Datasheet HTML 180Page - Renesas Technology Corp H8S/2437 Datasheet HTML 181Page - Renesas Technology Corp H8S/2437 Datasheet HTML 182Page - Renesas Technology Corp H8S/2437 Datasheet HTML 183Page - Renesas Technology Corp H8S/2437 Datasheet HTML 184Page - Renesas Technology Corp H8S/2437 Datasheet HTML 185Page - Renesas Technology Corp H8S/2437 Datasheet HTML 186Page - Renesas Technology Corp H8S/2437 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 746 page
background image
Rev. 1.00, 09/03, page 145 of 704
7.3.4
Port 2 Pull-Up MOS Control Register (P2PCR)
P2PCR controls the on or off state of input pull-up MOSs for port 2.
Bit
Bit Name
Initial Value
R/W
Description
7
P27PCR
0
R/W
6
P26PCR
0
R/W
5
P25PCR
0
R/W
4
P24PCR
0
R/W
3
P23PCR
0
R/W
2
P22PCR
0
R/W
1
P21PCR
0
R/W
0
P20PCR
0
R/W
• In normal extended and single-chip modes
When the pins are in the input states, the
corresponding input pull-up MOS is turned on
when a P2PCR bit is set to 1.
• In multiplex extended mode
Operation is not affected.
7.3.5
Pin Functions
When the corresponding bit in PTCNT2 is cleared to 0, port 2 pins can be used as TPU I/O pins.
The relationship between register setting values and pin functions is as follows.
• P27/TIOCB2/TCLKD/A15/AD15
When the TIOCB2/TCLKDS bit in PTCNT2 is cleared to 0, this pin can be used as the
TIOCB2/TCLKD pin.
According to operating modes, the TPU channel 2 settings by the MD3 to MD0 bits in
TMDR_2, the IOB3 to IOB0 bits in TIOR_2, and the CCLR1 and CCLR0 bits in TCR_2, and
the combination of the TPSC2 to TPSC0 bits in TCR_0, the TIOCB2/TCLKDS bit, and the
P27DDR bit, pin functions change as follows.
• Extended Mode (EXPE = 1)
Normal Extended Mode (ADMXE = 0)
Multiplex Extended Mode (ADMXE = 1)
P27DDR
0
1
P27 input pin
A15 output pin
AD15 I/O pin
TIOCB2 input pin*
1
Pin function
TCLKD input pin*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com