công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 179 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 179 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 175Page - Renesas Technology Corp H8S/2437 Datasheet HTML 176Page - Renesas Technology Corp H8S/2437 Datasheet HTML 177Page - Renesas Technology Corp H8S/2437 Datasheet HTML 178Page - Renesas Technology Corp H8S/2437 Datasheet HTML 179Page - Renesas Technology Corp H8S/2437 Datasheet HTML 180Page - Renesas Technology Corp H8S/2437 Datasheet HTML 181Page - Renesas Technology Corp H8S/2437 Datasheet HTML 182Page - Renesas Technology Corp H8S/2437 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 746 page
background image
Rev. 1.00, 09/03, page 141 of 704
7.2.4
Port 1 Pull-Up MOS Control Register (P1PCR)
P1PCR controls the on or off state of input pull-up MOSs for port 1.
Bit
Bit Name
Initial Value
R/W
Description
7
P17PCR
0
R/W
6
P16PCR
0
R/W
5
P15PCR
0
R/W
4
P14PCR
0
R/W
3
P13PCR
0
R/W
2
P12PCR
0
R/W
1
P11PCR
0
R/W
0
P10PCR
0
R/W
• In normal extended and single-chip modes
When the pins are in the input states, the
corresponding input pull-up MOS is turned on
when a P1PCR bit is set to 1.
• In multiplex extended mode
When using 16-bit bus width, operation is not
affected.
When using 8-bit bus width, operates as single-
chip mode.
7.2.5
Pin Functions
When the PWnS bit in PTCNT0 is cleared to 0, port 1 pins can be used as PWM output pins (PW7
to PW0). The pin function relationships are listed below.
According to the combinations of operating modes and the OEn bit, PWnS bit, and P1nDDR bit in
PWOER of the PWM, pin functions change as follows.
• Extended Mode (EXPE = 1)
Normal Extended Mode
(ADMXE = 0)
Multiplex Extended Mode (ADMXE = 1)
Bus width*
16-bit
8-bit
P1nDDR
0
1
0
1
PWnS
1
0
OEn
0
1
Pin function
P1n input
pin
A7 to A0
output pin
AD7 to
AD0 I/O
pin
P1n input
pin
P1n output
pin
P1n
output pin
PWn
output pin
[Legend]
n = 7 to 0
Note:
*
When the ABW3 to ABW1 bits in BCRA3 to BCRA1 are all set to 1, bus width is 8 bits,
if any are cleared to 0, bus width is 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com