công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 177 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 173Page - Renesas Technology Corp H8S/2437 Datasheet HTML 174Page - Renesas Technology Corp H8S/2437 Datasheet HTML 175Page - Renesas Technology Corp H8S/2437 Datasheet HTML 176Page - Renesas Technology Corp H8S/2437 Datasheet HTML 177Page - Renesas Technology Corp H8S/2437 Datasheet HTML 178Page - Renesas Technology Corp H8S/2437 Datasheet HTML 179Page - Renesas Technology Corp H8S/2437 Datasheet HTML 180Page - Renesas Technology Corp H8S/2437 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 746 page
background image
Rev. 1.00, 09/03, page 139 of 704
7.2
Port 1
Port 1 is an 8-bit I/O port. Port 1 pins also function as address bus pins, address/data multiplex bus
pins, and PWM output pins. Pin functions change according to the operating mode.
Port 1 has the following registers.
• Port 1 data direction register (P1DDR)
• Port 1 data register (P1DR)
• Port 1 register (PORT1)
• Port 1 pull-up MOS control register (P1PCR)
7.2.1
Port 1 Data Direction Register (P1DDR)
The individual bits in P1DDR specify input or output for the pins of port 1. The read value is
undefined.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
0
P10DDR
0
W
• In normal extended mode
The corresponding port 1 pins are address
outputs when P1DDR bits are set to 1, and input
ports when cleared to 0.
• In multiplex extended mode (16-bit bus width)
Operation is not affected
• In multiplex extended mode (8-bit bus width)
Operates as single-chip mode
• In single-chip mode
The corresponding port 1 pins are output ports
or PWM outputs when the P1DDR bits are set
to 1, and input ports when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com