công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 710 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 710 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 706Page - Renesas Technology Corp H8S/2437 Datasheet HTML 707Page - Renesas Technology Corp H8S/2437 Datasheet HTML 708Page - Renesas Technology Corp H8S/2437 Datasheet HTML 709Page - Renesas Technology Corp H8S/2437 Datasheet HTML 710Page - Renesas Technology Corp H8S/2437 Datasheet HTML 711Page - Renesas Technology Corp H8S/2437 Datasheet HTML 712Page - Renesas Technology Corp H8S/2437 Datasheet HTML 713Page - Renesas Technology Corp H8S/2437 Datasheet HTML 714Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 746 page
background image
Rev. 1.00, 09/03, page 672 of 704
Notes:
1.
Do not leave the AVCC, AVref, and AVSS pins open even if the A/D converter is not used.
Even if the A/D converter is not used, apply a value in the range from 3.0 V to 3.6 V to the AVCC
and AVref pins by connection to the power supply (VCC). The relationship between these two pins
should be AVref
≤ AVCC.
2. P80/SCL0 to P83/SDA1 and PC0/SCL2 to PC3/SDA3 are NMOS push-pull outputs.
An external pull-up resistor is necessary to provide high-level output from SCL0 to SCL3 and
SDA0 to SDA3 (ICE bit in ICCRA is 1).
P80 to P83 and PC0 to PC3 (ICE bit in ICCRA is 0) high levels are driven by NMOS. An external
pull-up resistor is necessary to provide high-level output from these pins when they are used as an
output.
3. Current consumption values are for V
IH min. = VCC – 0.2 V and VIL max. = 0.2 V with all output pins
unloaded and the on-chip pull-up MOSs in the off state.
4. The values are for V
RAM ≤ VCC < 3.0 V, VIH min. = VCC – 0.2 V, and VIL max. = 0.2 V.
5. Except for flash memory programming/erasing.
Table 24.3
Permissible Output Currents
Conditions: V
CC = 3.0 V to 3.6 V, VSS = 0 V
Item
Symbol Min.
Typ.
Max.
Unit
Permissible output low
current (per pin)
SCL0 to SCL3, SDA0 to
SDA3
I
OL
10
mA
All output pins
2
Permissible output low
current (total)
Total of all output pins
∑I
OL
60
Permissible output
high current (per pin)
All output pins
–I
OH
2
Permissible output
high current (total)
Total of all output pins
∑–I
OH
30
Notes: 1. To protect LSI reliability, do not exceed the output current values in table 24.3.
2. When driving a Darlington transistor directly, always insert a current-limiting resistor in
the output line, as shown in figure 24.1.
This LSI
Port
2 k
Ω
Darlington transistor
Figure 24.1 Darlington Transistor Drive Circuit (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com