công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 553 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 553 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 549Page - Renesas Technology Corp H8S/2437 Datasheet HTML 550Page - Renesas Technology Corp H8S/2437 Datasheet HTML 551Page - Renesas Technology Corp H8S/2437 Datasheet HTML 552Page - Renesas Technology Corp H8S/2437 Datasheet HTML 553Page - Renesas Technology Corp H8S/2437 Datasheet HTML 554Page - Renesas Technology Corp H8S/2437 Datasheet HTML 555Page - Renesas Technology Corp H8S/2437 Datasheet HTML 556Page - Renesas Technology Corp H8S/2437 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 746 page
background image
Rev. 1.00, 09/03, page 515 of 704
4. The ADST bit is not cleared automatically, and steps 2 and 3 are repeated as long as the ADST
bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops and the A/D
converter enters the wait state. Then if the ADST bit is set to 1, A/D conversion starts again for
the first channel in the channel set.
18.4.3
Input Sampling and A/D Conversion Time
The A/D converter has an on-chip sample-and-hold circuit. The A/D converter samples the analog
input when A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to 1,
then starts conversion. Figure 18.2 shows the A/D conversion timing. Table 18.3 shows the A/D
conversion time.
As shown in figure 18.2, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL). The length of tD varies depending on the timing of the write access to ADCSR. The total
conversion time therefore varies within the ranges indicated in tables 18.3.
In scan mode, the values given in tables 18.3 apply to the first conversion time. The values given
in table 18.4 apply to the second and subsequent conversions.
(1)
(2)
tD
tSPL
tCONV
Address
φ
Write signal
Input sampling
timing
ADF
[Legend]
(1):
(2):
tD:
tSPL:
tCONV:
ADCSR write cycle
ADCSR address
A/D conversion start delay time
Input sampling time
A/D conversion time
Figure 18.2 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com