công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 549 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 549 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 545Page - Renesas Technology Corp H8S/2437 Datasheet HTML 546Page - Renesas Technology Corp H8S/2437 Datasheet HTML 547Page - Renesas Technology Corp H8S/2437 Datasheet HTML 548Page - Renesas Technology Corp H8S/2437 Datasheet HTML 549Page - Renesas Technology Corp H8S/2437 Datasheet HTML 550Page - Renesas Technology Corp H8S/2437 Datasheet HTML 551Page - Renesas Technology Corp H8S/2437 Datasheet HTML 552Page - Renesas Technology Corp H8S/2437 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 746 page
background image
Rev. 1.00, 09/03, page 511 of 704
18.3.2
A/D Control/Status Register (ADCSR)
ADCSR controls A/D conversion operations.
Bit
Bit Name
Initial Value
R/W
Description
7
ADF
0
R/(W)*
A/D End Flag
A status flag that indicates the end of A/D
conversion.
[Setting conditions]
• When A/D conversion ends in single mode
• When A/D conversion ends on all specified
channels in scan mode
[Clearing condition]
• When 0 is written after reading ADF = 1
6
ADIE
0
R/W
A/D Interrupt Enable
Enables an ADI interrupt by the ADF bit when this
bit is set to 1.
5
ADST
0
R/W
A/D Start
Clearing this bit to 0 stops A/D conversion, and
the A/D converter enters the wait state. When this
bit is set to 1 by software, conversion start trigger
by the TPU or TMR, or
ADTRG pin, A/D
conversion starts. This bit remains set to 1 during
A/D conversion. In single mode, this bit is cleared
to 0 automatically when conversion on the
specified channel ends. In scan mode, conversion
continues sequentially on the specified channels
until this bit is cleared to 0 by a reset, a transition
to hardware standby mode, or software.
4
—
0
—
Reserved
This bit is always read as 0 and cannot be
modified.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com