công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 552 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 552 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 548Page - Renesas Technology Corp H8S/2437 Datasheet HTML 549Page - Renesas Technology Corp H8S/2437 Datasheet HTML 550Page - Renesas Technology Corp H8S/2437 Datasheet HTML 551Page - Renesas Technology Corp H8S/2437 Datasheet HTML 552Page - Renesas Technology Corp H8S/2437 Datasheet HTML 553Page - Renesas Technology Corp H8S/2437 Datasheet HTML 554Page - Renesas Technology Corp H8S/2437 Datasheet HTML 555Page - Renesas Technology Corp H8S/2437 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 746 page
background image
Rev. 1.00, 09/03, page 514 of 704
18.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes: single mode and scan mode. When changing the operating mode or analog input
channel, to prevent incorrect operation, first clear the ADST bit in ADCSR to 0 to halt A/D
conversion. The ADST bit can be set at the same time as the operating mode or analog input
channel is changed.
18.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the specified single channel.
Operations are as follows.
1. A/D conversion is started when the ADST bit in ADCSR is set to 1, according to software or
external trigger input.
2. When A/D conversion is completed, the result is transferred to the corresponding A/D data
register to the channel.
3. On completion of conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to 1 at
this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion, and is automatically cleared to 0 when
conversion ends. When the ADST bit is cleared to 0 during A/D conversion, A/D conversion
stops and the A/D converter enters the wait state.
18.4.2
Scan Mode
In scan mode, A/D conversion is to be performed sequentially on the specified channels:
maximum four channels or maximum eight channels. Operations are as follows.
1. When the ADST bit in ADCSR is set to 1 by software, TPU, or external trigger input, A/D
conversion starts on the first channel in the specified channel set.
The consecutive A/D conversion on maximum four channels (SCANE = 1 and SCANS = 0) or
on maximum eight channels (SCANE = 1 and SCANS = 1) can be selected. When the
consecutive A/D conversion is performed on the four channels, the A/D conversion starts on
AN0 when CH3 = 0 and CH2 = 0, AN4 when CH3 = 0 and CH2 = 1, AN8 when CH3 = 1 and
CH2 = 0, or AN12 when CH3 = 1 and CH2 = 1. When the consecutive A/D conversion is
performed on the eight channels, the A/D conversion starts on AN0 when CH3 = 0 and CH2 =
0 and on AN8 when CH3 = 1 and CH2 = 0.
2. When A/D conversion for each channel is completed, the result is sequentially transferred to
the corresponding A/D data register to each channel.
3. When conversion for all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated. Conversion for
the first channel in the channel set starts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com