công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7906 bảng dữ liệu(PDF) 110 Page - Renesas Technology Corp

tên linh kiện 7906
Giải thích chi tiết về linh kiện  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 bảng dữ liệu(HTML) 110 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 106Page - Renesas Technology Corp 7906 Datasheet HTML 107Page - Renesas Technology Corp 7906 Datasheet HTML 108Page - Renesas Technology Corp 7906 Datasheet HTML 109Page - Renesas Technology Corp 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-7
7.2.3 Count start register
This register is used to start and stop counting. One bit of this registar corresponds to one timer. (This is
the one-to-one relationship.) Figure 7.2.4 shows the structures of the count start registers 0 and 1.
7.2 Block description
0
1
2
3
4
5
6
7
Count start register 0 (Address 4016)
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Timer B0 count start bit
Timer B1 count start bit
Timer B2 count start bit
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 : Stop counting
1 : Start counting
Bit name
Bit
Function
At reset
R/W
Fig. 7.2.4 Structures of count start registers 0 and 1
0
0
0
0
0
Undefined
0
1
2
3
4
7 to 5
Count start register 1 (Address 4116)
Timer A5 count start bit
Timer A6 count start bit
Timer A7 count start bit
Timer A8 count start bit
Timer A9 count start bit
Nothing is assigned.
RW
RW
RW
RW
RW
–
b7 b6 b5 b4 b3 b2 b1 b0
0 : Stop counting
1 : Start counting
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com