công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7906 bảng dữ liệu(PDF) 84 Page - Renesas Technology Corp

tên linh kiện 7906
Giải thích chi tiết về linh kiện  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 bảng dữ liệu(HTML) 84 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 80Page - Renesas Technology Corp 7906 Datasheet HTML 81Page - Renesas Technology Corp 7906 Datasheet HTML 82Page - Renesas Technology Corp 7906 Datasheet HTML 83Page - Renesas Technology Corp 7906 Datasheet HTML 84Page - Renesas Technology Corp 7906 Datasheet HTML 85Page - Renesas Technology Corp 7906 Datasheet HTML 86Page - Renesas Technology Corp 7906 Datasheet HTML 87Page - Renesas Technology Corp 7906 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 531 page
background image
7906 Group User’s Manual Rev.2.0
6-5
INTERRUPTS
6.3 Interrupt control
The maskable interrupts are controlled by the following :
•Interrupt request bit
•Interrupt priority level select bits
•Processor interrupt priority level (IPL)
•Interrupt disable flag (I)
Figure 6.3.1 shows the memory assignment of the interrupt control registers, and Figures 6.3.2 shows their
structures.
}
}
Assigned to an interrupt control register of each interrupt.
Assigned to the processor status register (PS).
6.3 Interrupt control
Fig. 6.3.1 Memory assignment of interrupt control registers
7016
7116
7216
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7316
Address
6F16
6E16
A-D conversion interrupt control register
UART0 transmit interrupt control register
UART1 transmit interrupt control register
UART0 receive interrupt control register
UART1 receive interrupt control register
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT4 interrupt control register
INT3 interrupt control register
F616
F716
F816
FD16
FE16
FF16
F916
F516
Timer A5 interrupt control register
Timer A6 interrupt control register
Timer A7 interrupt control register
Timer A8 interrupt control register
Timer A9 interrupt control register
INT7 interrupt control register
INT6 interrupt control register
INT5 interrupt control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com