| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7906 bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp |
|
42 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 2-21 CENTRAL PROCESSING UNIT (CPU) [Precautions for setting of processor mode] [Precautions for setting of processor mode] The M37906 operates only in the single-chip mode. Therefore, for the M37906, do as follows: • The MD0 and MD1 pins must be connected to Vss. • The processor mode bits (bits 0 and 1 at address 5E16) must be fixed to “002.” |