| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7906 bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp |
|
89 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 INTERRUPTS 6-10 6.5 Interrupt priority level detection circuit The interrupt priority level detection circuit is used to select the interrupt with the highest priority level from multiple interrupt requests sampled at the same timing. Figure 6.5.1 shows the interrupt priority level detection circuit. 6.5 Interrupt priority level detection circuit Fig. 6.5.1 Interrupt priority level detection circuit IPL Processor interrupt priority level Interrupt with the highest priority level Acceptance of interrupt request Watchdog timer interrupt Reset Interrupt disable flag (I) Level 0 (Initial value) Interrupt priority level A-D conversion INT4 INT3 Timer A2 Timer A1 Timer A0 Interrupt priority level Timer A4 Timer A3 UART1 transmit UART1 receive UART0 transmit UART0 receive Timer B2 Timer B1 Timer B0 INT6 INT5 INT7 Timer A5 Timer A6 Timer A7 Timer A8 Timer A9 |