| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7906 bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp |
|
108 / 531 page ![]() TIMER A 7906 Group User’s Manual Rev.2.0 7-5 Timer Ai register High-order byte Low-order byte Timer A0 register Address 4716 Address 4616 Timer A1 register Address 4916 Address 4816 Timer A2 register Address 4B16 Address 4A16 Timer A3 register Address 4D16 Address 4C16 Timer A4 register Address 4F16 Address 4E16 Timer A5 register Address C716 Address C616 Timer A6 register Address C916 Address C816 Timer A7 register Address CB16 Address CA16 Timer A8 register Address CD16 Address CC16 Timer A9 register Address CF16 Address CE16 7.2.1 Counter and Reload register (timer Ai register) Each of timer Ai counter and reload register consists of 16 bits. Countdown in the counter is performed each time the count source is input. In the event counter mode, it can also function as an up-counter. The reload register is used to store the initial value of the counter. When a counter underflow or overflow occurs, the reload register’s contents are reloaded into the counter. A value is set to the counter and reload register by writing the value to the timer Ai register. Table 7.2.1 lists the memory assignment of the timer Ai register. The value written into the timer Ai register while counting is not in progress is set to the counter and reload register. The value written into the timer Ai register while counting is in progress is set only to the reload register. In this case, the reload register’s updated contents are transferred to the counter at the next reload time. The value obtained when reading out the timer Ai register varies according to the operating mode. Table 7.2.2 lists reading from and writing to the timer Ai register. 7.2 Block description Table 7.2.2 Reading from and writing to timer Ai register Write <While counting> Written only to reload register. <While not counting> Written to both of the counter and reload register. Operating mode Timer mode Event counter mode One-shot pulse mode Pulse width modulation (PWM) mode Note: At reset, the contents of the timer Ai register are undefined. Notes 1: Also refer to sections “[Precautions for timer mode]” and “[Precautions for event counter mode].” 2: When reading from and writing to the timer Ai register, perform it in a unit of 16 bits. 3: Each of timers A3 and A5 to A8 is equipped with the timer mode only. Read Counter value is read out. (Note 1) Undefined value is read out. Table 7.2.1 Memory assignment of timer Ai register |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |