| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 642 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 642 Page - Renesas Technology Corp |
|
642 / 940 page ![]() CENTRAL PROCESSING UNIT (CPU) 7735 Group User’s Manual 2–2 Concerning chapter “2. CENTRAL PROCESSING UNIT (CPU),” the 7735 Group differs from the 7733 Group in the following sections. Therefore, only the differences are described in this chapter: • “2.2 Bus interface unit” • “2.3 Accessible area” • “2.5 Processor modes” The following sections of the 7735 Group are the same as those of the 7733 Group. Therefore, for these section, refer to part 1: • “2.1 Central processing unit” (page 2–2 in part 1) • “2.4 Memory allocation” (page 2–18 in part 1) 2.2 Bus interface unit Concerning section “2.2 Bus interface unit,” the 7735 Group differs from the 7733 Group in the following. • External buses in Figure 2.2.1 • Signal names in Figure 2.2.3 The other description is the same as that of the 7733 Group. Therefore, refer to part 1: • “2.2 Bus interface unit” (page 2–10 in part 1) 2.2 Bus interface unit |