| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp |
|
89 / 940 page ![]() 7733 Group User's Manual INTERRUPTS 4–10 4.4 Interrupt priority level When the interrupt disable flag (I) = “0” (in other words, when interrupts are enabled), if multiple interrupt requests reside at the same sampling timing, where the presence of an interrupt request is checked, these requests are accepted in order of priority levels. In this case, an interrupt request which has the highest priority is accepted first. For 16 interrupt sources other than software interrupts (the zero division and BRK instruction) and a watchdog timer interrupt, an arbitrary priority level can be set by specifying the interrupt priority level selection bits. Note that the priority level for reset (handled as an interrupt which has the highest priority) or a watchdog timer interrupt is set by hardware. Figure 4.4.1 shows the interrupt priority level set by hardware. Note that software interrupts are not affected by the interrupt priority level. When the zero division or BRK instruction is executed, a program branches to an interrupt routine. 4.4 Interrupt priority level Fig. 4.4.1 Interrupt priority level set by hardware Watchdog timer interrupt Reset Inside of dotted-line, an arbitrary priority level can be set. High Low Interrupt priority level 16 interrupt sources other than software interrupts and watchdog timer interrupt |