| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 940 page ![]() 7736 Group User’s Manual Table of contents xiv PART 3 7736 Group CHAPTER 1. OVERVIEW 1.1 Performance overview ........................................................................................................... 1-2 1.2 Pin configuration .................................................................................................................... 1-3 1.3 Pin description ....................................................................................................................... 1-4 1.3.1 Examples of handling unused pins .............................................................................. 1-8 1.4 Block diagram ....................................................................................................................... 1-13 CHAPTER 2. CENTRAL PROCESSING UNIT (CPU) 2.1 Central processing unit ........................................................................................ 2–2 in part 1 2.2 Bus interface unit External bus mode A ........................................................................................... 2–10 in part 1 External bus mode B ............................................................................................. 2–2 in part 2 2.3 Accessible area External bus mode A ........................................................................................... 2–16 in part 1 External bus mode B ............................................................................................. 2–5 in part 2 2.4 Memory allocation ................................................................................................ 2–18 in part 1 2.5 Processor modes ................................................................................................................... 2-2 CHAPTER 3. PROGRAMMABLE I/O PORTS 3.1 Programmable I/O ports and Output-only ports ............................................................ 3-2 3.1.1 Port Pi direction register ............................................................................................... 3-3 3.1.2 Port Pi register ............................................................................................................... 3-4 3.2 Port peripheral circuits ........................................................................................................ 3-6 3.3 Pull-up function ..................................................................................................................... 3-8 ___ ___ 3.3.1 Pull-up function for ports P104 to P107 (KI0 to KI3) ................................................ 3-8 ____ ____ 3.3.2 Pull-up function for ports P62 to P64 (INT0 to INT2) ................................................ 3-8 3.4 Internal peripheral devices’ I/O functions (Ports P42, P5 to P8, P90 to P93 and P104 to P107) ..... 3-10 CHAPTER 4. INTERRUPTS 4.1 Overview ................................................................................................................... 4-2 in part 1 4.2 Interrupt sources ..................................................................................................... 4-4 in part 1 4.3 Interrupt control ...................................................................................................... 4-6 in part 1 4.4 Interrupt priority level .......................................................................................... 4-10 in part 1 4.5 Interrupt priority level detection circuit .......................................................... 4-11 in part 1 4.6 Interrupt priority level detection time .............................................................. 4-13 in part 1 4.7 How interrupts are processed (from acceptance of interrupt request until execution of interrupt routine) ................................................................. 4-14 in part 1 4.8 Return from interrupt routine ............................................................................. 4-17 in part 1 4.9 Multiple interrupts ................................................................................................. 4-17 in part 1 ____ 4.10 External interrupts (INTi interrupt) .................................................................. 4-19 in part 1 4.11 Precautions for interrupts ................................................................................. 4-23 in part 1 |