| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 156 Page - Renesas Technology Corp |
|
156 / 218 page ![]() 142 2. APPLICATION MITSUBISHI MICROCOMPUTER 3819 Group 2.6 Interrupt interval determination function 3819 Group USER’S MANUAL 2.6.2 Interrupt interval determination function Reception of remote-control signal Outline : Remote-control signal is read in by both of the interrupt interval determination function using a noise filter and a timer interrupt. Fig. 2.6.6 Connection diagram [Reception of remote-control signal] Specifications : • Operation at f(XIN) = 8 MHz in the high-speed mode. • The one-sided edge interval is measured. • The noise filter is used. • The remote control interrupt request is checked within the timer 2 interrupt (488 µs cycle) processing routine. Figure 2.6.7 shows a function block diagram, and Figure 2.6.8 shows a timing chart of data determination. Fig. 2.6.7 Function block diagram [Reception of remote-control signal] P42/INT2 Reciever unit 3819 group Remote-control Reciever unit Noise filter Interrupt interval determination register Determination of header or 0/1 1-byte reception Data check • Recognition of each code • Read out a register • Compare the readout value with the reference value Microcomputer hardware Microcomputer software • Eliminate noise • One-sided edge detection • One-sided edge interval judgment |