| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 155 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 155 Page - Renesas Technology Corp |
|
155 / 218 page ![]() 141 2. APPLICATION 3819 Group USER’S MANUAL MITSUBISHI MICROCOMPUTER 3819 Group 2.6 Interrupt interval determination function Fig. 2.6.5 Structure of Interrupt control register 1 Interrupt control register 1 b7 b6 b5 b4 b3 b2 b1 b0 B Function At reset RW 0 1 2 3 0 0 0 0 Interrupt control register 1 (ICON1) [Address:3E16] Name INT0 interrupt enable bit INT1/ZCR interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 4 5 6 7 0 0 0 0 Serial I/O 2 interrupt enable bit Timer 1 interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled Serial I/O 3 interrupt enable bit Timer 2 interrupt enable bit 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled Serial I/O 1 interrupt enable bit Serial I/O automatic transfer interrupt enable bit q q INT2 interrupt enable bit Remote control/counter overflow interrupt enable bit q q |