| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7643 bảng dữ liệu(PDF) 274 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7643 bảng dữ liệu(HTML) 274 Page - Renesas Technology Corp |
|
274 / 424 page ![]() Rev.2.00 Aug 28, 2006 page 153 of 202 7643 Group REJ09B0133-0200 APPLICATION 2.6 USB Wait the processing of Host CPU error detection is completed. UART transmit interrupt • Re-transmit When re-transmit request occurs, the previous value is re-transmitted. P4 RAM2 UTRB1 RAM1 XXXXXXX02 (Address : 6116) RAM2 (Address : 1816) USBFIFO1 (Address : 3416) RAM1 – 1 Re-transmit request cleared RTI Pop registers • End processing UART transmit interrupt disabled USB receive (OUT) enabled Y Push registers to stack Host CPU detects error and waits until host CPU operates INT0. * Wait time here depends on processing by Host CPU. Check of INT0 interrupt request flag. Re-transmit requested ? P4 XXXXXXX12 (Address : 1816) RAM1 > 0? RAM1=“0”? ICONA USBINDEX OUT_CSR 0 X00000012 0XXXXXX12 (Address : 0516), bit7 (Address : 5816) (Address : 5A16) UTRB1 (Address 3416) Interrupt occurs • INT0 interrupt request flag is cleared. P40 is “H” N N Y N Y • Writing data P40 is “L” Writing to UART RAM2 Fig. 2.6.48 Control procedure (2) |