công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7643 bảng dữ liệu(PDF) 130 Page - Renesas Technology Corp

tên linh kiện 7643
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 bảng dữ liệu(HTML) 130 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 126Page - Renesas Technology Corp 7643 Datasheet HTML 127Page - Renesas Technology Corp 7643 Datasheet HTML 128Page - Renesas Technology Corp 7643 Datasheet HTML 129Page - Renesas Technology Corp 7643 Datasheet HTML 130Page - Renesas Technology Corp 7643 Datasheet HTML 131Page - Renesas Technology Corp 7643 Datasheet HTML 132Page - Renesas Technology Corp 7643 Datasheet HTML 133Page - Renesas Technology Corp 7643 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 9 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.1 I/O Port
2.1.4 Terminate unused pins
Table 2.1.1 Termination of unused pins
Pins/Ports name
P0, P1, P2, P3, P4, P5,
P6, P7, P8
HOLD, RDY
CNVSS
AVSS
AVCC
XOUT
USB D+
USB D-
Ext. Cap.
Termination
• Set to the input mode and connect each to VCC or VSS through a resistor of 1
k
Ω to 10 kΩ.
• Set to the output mode and open at “L” or “H” output state.
Connect to Vcc through a resistor (pull-up).
Connect to Vcc or Vss.
Connect to Vss (GND).
Connect to Vcc.
Open (only when using external clock)
Open
Connect to Vcc (DC-DC converter disabled) when the USB function is not used.
Note: This is the termination in case USB is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More