công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 922 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 922 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 918Page - Renesas Technology Corp H8S/20223 Datasheet HTML 919Page - Renesas Technology Corp H8S/20223 Datasheet HTML 920Page - Renesas Technology Corp H8S/20223 Datasheet HTML 921Page - Renesas Technology Corp H8S/20223 Datasheet HTML 922Page - Renesas Technology Corp H8S/20223 Datasheet HTML 923Page - Renesas Technology Corp H8S/20223 Datasheet HTML 924Page - Renesas Technology Corp H8S/20223 Datasheet HTML 925Page - Renesas Technology Corp H8S/20223 Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 992 page
background image
Section 27 List of Registers
Rev. 1.00 Oct. 03, 2008 Page 896 of 962
REJ09B0465-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data Bus
Width
Number of
Access
States
Timer RC interrupt enable
register*
5
TRCIER
8
H'FFFF8C
Timer RC
8
2
Timer RC status register*
5
TRCSR
8
H'FFFF8D
Timer RC
8
2
Timer RC I/O control register 0*
5
TRCIOR0
8
H'FFFF8E
Timer RC
8
2
Timer RC I/O control register 1*
5
TRCIOR1
8
H'FFFF8F
Timer RC
8
2
Timer RC control register 2*
5
TRCCR2
8
H'FFFF90
Timer RC
8
2
Timer RC digital filtering function
select register*
5
TRCDF
8
H'FFFF91
Timer RC
8
2
Timer RC output enable register*
5
TRCOER
8
H'FFFF92
Timer RC
8
2
Timer RC A/D conversion start
trigger control register*
5
TRCADCR
8
H'FFFF93
Timer RC
8
2
Timer counter WD
TCWD
8
H'FFFF98
WDT
8
2
Timer mode register WD
TMWD
8
H'FFFF99
WDT
8
2
Timer control/status register WD
TCSRWD
8
H'FFFF9A
WDT
8
2
Timer interrupt control/status
register WD
TICRWD
8
H'FFFF9B
WDT
8
2
Timer interrupt flag register WD
TIFRWD
8
H'FFFF9C
WDT
8
2
Timer RB control register
TRBCR
8
H'FFFFA0
Timer RB
8
2
Timer RB one-shot control register TRBOCR
8
H'FFFFA1
Timer RB
8
2
Timer RB I/O control register
TRBIOC
8
H'FFFFA2
Timer RB
8
2
Timer RB mode register
TRBMR
8
H'FFFFA3
Timer RB
8
2
Timer prescaler register
TRBPRE
8
H'FFFFA4
Timer RB
8
2
Timer RB secondary register
TRBSC
8
H'FFFFA5
Timer RB
8
2
Timer RB primary register
TRBPR
8
H'FFFFA6
Timer RB
8
2
Timer RB interrupt request status
register
TRBIR
8
H'FFFFA7
Timer RB
8
2
Timer RE second data register
TRESEC
8
H'FFFFA8
Timer RE
8
2
Timer RE minute data register
TREMIN
8
H'FFFFA9
Timer RE
8
2
Timer RE hour data register
TREHR
8
H'FFFFAA
Timer RE
8
2
Timer RE day-of-week data
register
TREWK
8
H'FFFFAB
Timer RE
8
2
Timer RE control register 1
TRECR1
8
H'FFFFAC
Timer RE
8
2
Timer RE control register 2
TRECR2
8
H'FFFFAD
Timer RE
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com