công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 866 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 866 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 862Page - Renesas Technology Corp H8S/20223 Datasheet HTML 863Page - Renesas Technology Corp H8S/20223 Datasheet HTML 864Page - Renesas Technology Corp H8S/20223 Datasheet HTML 865Page - Renesas Technology Corp H8S/20223 Datasheet HTML 866Page - Renesas Technology Corp H8S/20223 Datasheet HTML 867Page - Renesas Technology Corp H8S/20223 Datasheet HTML 868Page - Renesas Technology Corp H8S/20223 Datasheet HTML 869Page - Renesas Technology Corp H8S/20223 Datasheet HTML 870Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 840 of 962
REJ09B0465-0100
24.5.2
Scan Mode in Comparison Mode
In scan mode in comparison mode, the analog input of the selected channels (four or eight
maximum) are compared sequentially with the specified voltage. Operations are as follows.
1. When the ADST bit in ADCSR is set to 1 by a software, timer RC, timer RD or external
trigger input, comparison between the analog input of the selected channels and the voltage
specified by the VAL[9:0] bits is started.
The comparison on maximum four channels (SCANE = 1 and SCANS= 0) or on maximum
eight channels (SCANE = 1 and SCANS= 1) can be selected. When the consecutive
comparison is performed on the four channels, the comparison starts on AN0 when CH3 = 0
and CH2 = 0, AN4 when CH3 = 0 and CH2 = 1, or AN8 when CH3 = 1 and CH2 = 0. When
the consecutive comparison is performed on the eight channels, the comparison starts on AN0
when CH3 = 0 and CH2 = 0.
2. When comparison for each channel is completed, the result is sequentially transferred to a bit
corresponding to each channel.
3. When comparison of all the selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt is requested. In addition, if a condition
specified by the CMPFC1 or CMPFC0 bits is satisfied in any of the selected channels, the
CMPF bit in CMPCSR is set to 1. If the CMPIE bit is set to 1 at this time, a CMPI interrupt is
requested. The A/D converter starts comparison from the first channel of the channel set.
4. The ADST bit is not cleared automatically when ADSTCLR = 0, and steps [2] to [3] are
repeated as long as the ADST bit remains set to 1. When the ADST bit is cleared to 0 during
comparison, the A/D converter stops operation and enters wait state. If the ADST bit is later
set to 1, the A/D converter starts comparison from the first channel of the channel set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com