công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 865 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 865 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 861Page - Renesas Technology Corp H8S/20223 Datasheet HTML 862Page - Renesas Technology Corp H8S/20223 Datasheet HTML 863Page - Renesas Technology Corp H8S/20223 Datasheet HTML 864Page - Renesas Technology Corp H8S/20223 Datasheet HTML 865Page - Renesas Technology Corp H8S/20223 Datasheet HTML 866Page - Renesas Technology Corp H8S/20223 Datasheet HTML 867Page - Renesas Technology Corp H8S/20223 Datasheet HTML 868Page - Renesas Technology Corp H8S/20223 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 839 of 962
REJ09B0465-0100
24.5
Compare Mode Operation
24.5.1
Single Mode in Compare Mode
In single mode in compare mode, the analog input of one selected channel is compared with the
specified voltage. Operations are as follows. The setting of the channel by the CH[3:0] bits in
ADCSR is the same as that in A/D conversion mode.
1. Comparison between the analog input of the selected channel and the voltage specified by the
VAL[9:0] bits is started when the ADST bit in ADCSR is set to 1 by software or external
trigger input.
2. When the comparison is completed, the result is transferred to a bit corresponding to the
channel.
3. On completion of comparison, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to 1 at
this time, an ADI interrupt request is generated. In addition, if a condition specified by the
CMPFC1 or CMPFC0 bit is satisfied, the CMPF bit in CMPCSR is set to 1. If the CMPIE bit
is set to 1 at this time, a CMPI interrupt is requested.
4. The ADST bit remains set to 1 during comparison, and is automatically cleared to 0 when
comparison ends. When the ADST bit is cleared to 0 during comparison, the A/D converter
stops operation and enters wait state.
AN0
VAL[9:0]
CMP0 in CMPR
ADST
ADF
Comparison voltage input
Specified voltage
Wait for comparison
Previous comparison result
Comparison result
Figure 24.5 A/D Converter Operation in Compare Mode
(When Channel 0 Is Selected in Single Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com