công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 840 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 840 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 836Page - Renesas Technology Corp H8S/20223 Datasheet HTML 837Page - Renesas Technology Corp H8S/20223 Datasheet HTML 838Page - Renesas Technology Corp H8S/20223 Datasheet HTML 839Page - Renesas Technology Corp H8S/20223 Datasheet HTML 840Page - Renesas Technology Corp H8S/20223 Datasheet HTML 841Page - Renesas Technology Corp H8S/20223 Datasheet HTML 842Page - Renesas Technology Corp H8S/20223 Datasheet HTML 843Page - Renesas Technology Corp H8S/20223 Datasheet HTML 844Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 814 of 962
REJ09B0465-0100
23.3.4
Terminating Hardware LIN
Figure 23.10 shows the flowchart for terminating hardware LIN communications. The hardware
LIN interface should be terminated at the following timing.
• Case 1: When the bus conflict detection function is used
After checksum field transmission
• Case 2: When the bus conflict detection function is not used
After header field transmission/reception
Hardware LIN
Clear the status flags (bus conflict detection, Sync Break
detection, and Sync Field measurement end) by setting the
B2CLR, B1CLR, and B0CLR bits in the LINST register to 1.
Timer RA
Read the count status flag (TCSTF) from the TRACR register.
SCI3_1
Terminate SCI3_1 communications.
When the bus conflict detection
function is not used, SCI3_1
transmission does not need to
be terminated.
TCSTF = 0?
Yes
Hardware LIN
Stop operation by setting the LINE bit in LINCR register to 0.
No
Stop the timer counter.
Before stopping the hardware LIN,
clear the status flags of the
hardware LIN.
Timer RA
Stop the timer counter by setting the TSTART bit in the TRACR
register to 0.
Figure 23.10 Flowchart for Terminating Hardware LIN Communications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com