công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 838 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 838 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 834Page - Renesas Technology Corp H8S/20223 Datasheet HTML 835Page - Renesas Technology Corp H8S/20223 Datasheet HTML 836Page - Renesas Technology Corp H8S/20223 Datasheet HTML 837Page - Renesas Technology Corp H8S/20223 Datasheet HTML 838Page - Renesas Technology Corp H8S/20223 Datasheet HTML 839Page - Renesas Technology Corp H8S/20223 Datasheet HTML 840Page - Renesas Technology Corp H8S/20223 Datasheet HTML 841Page - Renesas Technology Corp H8S/20223 Datasheet HTML 842Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 812 of 962
REJ09B0465-0100
Hardware LIN
Read the Sync Field measurement end flag (SFDCT) from
the LINST register.
SCI3_1
Set the SCI3_1 transfer rate by setting the BRR register.
Perform communications using SCI3_1
(when the timer RA counter underflows,
the SBDCT flag is set).
B
SFDCT = 1?
Yes
SCI3_1
Perform communications using SCI3_1.
Receive the ID field in clock asynchronous serial interface
(UART) mode.
No
Calculate the hardware LIN Sync Field.
The timer RA/HW-LIN interrupt can be used.
(When the timer RA counter underflows,
the SBDCT flag is set).
When the SBE bit in the LINCR register is 1
(the input mask is cancelled upon completion
of Sync Break measurement), timer RA can be
used in timer mode after the SFDCT flag in the
LINST register becomes 1.
Set the appropriate transfer rate according
to the Sync Field measurement results.
Yes
Timer RA
Update the Sync Break width by setting the TRAPRE and
TRATR registers.
Figure 23.8 Header Field Reception Flowchart (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com