công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 837 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 837 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 833Page - Renesas Technology Corp H8S/20223 Datasheet HTML 834Page - Renesas Technology Corp H8S/20223 Datasheet HTML 835Page - Renesas Technology Corp H8S/20223 Datasheet HTML 836Page - Renesas Technology Corp H8S/20223 Datasheet HTML 837Page - Renesas Technology Corp H8S/20223 Datasheet HTML 838Page - Renesas Technology Corp H8S/20223 Datasheet HTML 839Page - Renesas Technology Corp H8S/20223 Datasheet HTML 840Page - Renesas Technology Corp H8S/20223 Datasheet HTML 841Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 992 page
background image
Section 23 Hardware LIN
Rev. 1.00 Oct. 03, 2008 Page 811 of 962
REJ09B0465-0100
Timer RA
Start pulse width measurement by setting the TSTART
bit in the TRACR register to 1.
Timer RA
Read the count status flag (TCSTF) from the TRACR
register.
Hardware LIN
Start Sync Break detection by setting the LSTART bit in the
LINCR register to 1.
Hardware LIN
Read the RXD input status flag (RXDSF) from the LINCR
register.
A
TCSTF = 1?
Yes
RXDSF = 1?
Yes
No
No
Wait until timer RA starts counting.
Wait until the RXD input to SCI3_1 is
masked by the hardware LIN.
After writing 1 to the LSTART bit,
do not input a low level to the RXD
pin until 1 is read from the RXDSF flag;
during this period, the low level input is
directly input to the SCI3_1. After 1 is
read from the RXDSF flag, input to
timer RA and SCI3_1 is possible.
Detect the hardware LIN Sync Break.
The timer RA interrupt can be used.
When Sync Break is detected, the timer
RA counter is reloaded with the initially
set value.
If the low level input is shorter than the
specified time, the timer RA counter is
also reloaded with the initially set value
and waits for another low level input.
When the SBE bit in the LINCR register
is 0 (the input mask is cancelled upon
Sync Break detection), timer RA can be
used in timer mode after the SBDCT flag
in the LINST register becomes 1.
Hardware LIN
Read the Sync Break detection flag (SBDCT) from the
LINST register.
SBDCT = 1?
Yes
No
B
Hardware LIN
Enable/disable the interrupts (bus conflict detection,
Sync Break detection, and Sync Field measurement
end) by setting the BCIE, SBIE, and SFIE bits in the
LINCR register.
Figure 23.7 Header Field Reception Flowchart (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com