công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 806 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 806 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 802Page - Renesas Technology Corp H8S/20223 Datasheet HTML 803Page - Renesas Technology Corp H8S/20223 Datasheet HTML 804Page - Renesas Technology Corp H8S/20223 Datasheet HTML 805Page - Renesas Technology Corp H8S/20223 Datasheet HTML 806Page - Renesas Technology Corp H8S/20223 Datasheet HTML 807Page - Renesas Technology Corp H8S/20223 Datasheet HTML 808Page - Renesas Technology Corp H8S/20223 Datasheet HTML 809Page - Renesas Technology Corp H8S/20223 Datasheet HTML 810Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 780 of 962
REJ09B0465-0100
22.2.10
SS Shift Register (SSTRSR)
Address:
Bit:
Value after reset:
b7
b6
b5
b4
b3
b2
b1
b0
SSTRSR is a shift register that transmits and receives serial data. When transmit data is transferred
from SSTDR to SSTRSR, bit 0 in SSTDR is transferred to bit 0 in SSTRSR while the MLS bit in
SSMR is 0 (LSB-first transfer) and bit 7 in SSTDR is transferred to bit 0 in SSTRSR while the
MLS bit in SSMR is 1 (MSB-first transfer). SSTRSR cannot be directly accessed by the CPU. In
standby mode, SSTRSR is initialized.
22.3
Operation
22.3.1
Transfer Clock
Transfer clock can be selected from seven internal clocks and an external clock. When this module
is used, the SSCK pin must be selected as a serial clock by setting the SCKS bit in SSMR2 to 1.
When the MSS bit in SSCRH is 1, an internal clock is selected and the SSCK pin is in the output
state. If transfer is started, the SSCK pin outputs clocks of the transfer rate set in the CKS2 to
CKS0 bits in SSCRH. When the MSS bit is 0, an external clock is selected and the SSCK pin is in
the input state.
22.3.2
Relationship between Clock Polarity and Phase, and Data
Relationship between clock polarity and phase, and transfer data changes according to a
combination of the SSUMS bit in SSMR2 and the CPOS and CPHS bits in SSMR. Figure 22.2
shows the relationship.
MSB-first transfer or LSB first transfer can be selected by the setting of the MLS bit in SSMR.
When the MLS bit is 0, transfer is started from LSB to MSB. When the MLS bit is 1, transfer is
started from MSB to LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com