công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 804 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 804 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 800Page - Renesas Technology Corp H8S/20223 Datasheet HTML 801Page - Renesas Technology Corp H8S/20223 Datasheet HTML 802Page - Renesas Technology Corp H8S/20223 Datasheet HTML 803Page - Renesas Technology Corp H8S/20223 Datasheet HTML 804Page - Renesas Technology Corp H8S/20223 Datasheet HTML 805Page - Renesas Technology Corp H8S/20223 Datasheet HTML 806Page - Renesas Technology Corp H8S/20223 Datasheet HTML 807Page - Renesas Technology Corp H8S/20223 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 778 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
4, 3
Reserved
These bits are read as 0. The write value should
be 0.
2
ORER
Overrun error flag [Setting condition]
• When the next serial reception is completed
while RDRF = 1
[Clearing condition]
• When 0 is written to this bit after reading 1
R/W
1
Reserved
These bits are read as 0. The write value should
be 0.
0
CE
Conflict error flag [Setting conditions]
• When serial communication is started while
SSUMS = 1 in SSMR2 and MSS = 1 in
SSCRH, the
SCS pin input is low
• When the SCS pin level changes from low to
high during transfer while SSUMS = 1 in
SSMR2 and MSS = 0 in SSCRH
[Clearing condition]
• When 0 is written to this bit after reading 1
R/W
Notes: In standby mode, SSSR is reset.
*
The DTC clears the peripheral module flags when all of the following three conditions
are satisfied.
1.
When the DISEL bit is 0.
2.
When the transfer counter (DTC transfer count register A (CRA) in normal mode
and repeat mode, or DTC transfer count register B (CRB) in block mode) is not 0.
3.
When chain transfer is not used.
• ORER bit (overrun error flag)
Indicates that the RDRF bit is abnormally terminated in reception because an overrun error has
occurred. SSRDR retains received data before the overrun error occurs and the received data
after the overrun error occurs is lost. When this bit is set to 1, subsequent serial reception
cannot be continued. When the MSS bit in SSCRH is 1, this is also applied to serial
transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com