công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 810 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 810 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 806Page - Renesas Technology Corp H8S/20223 Datasheet HTML 807Page - Renesas Technology Corp H8S/20223 Datasheet HTML 808Page - Renesas Technology Corp H8S/20223 Datasheet HTML 809Page - Renesas Technology Corp H8S/20223 Datasheet HTML 810Page - Renesas Technology Corp H8S/20223 Datasheet HTML 811Page - Renesas Technology Corp H8S/20223 Datasheet HTML 812Page - Renesas Technology Corp H8S/20223 Datasheet HTML 813Page - Renesas Technology Corp H8S/20223 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 784 of 962
REJ09B0465-0100
22.3.5
Operation in Clocked Synchronous Communication Mode
(1) Initialization in Clocked Synchronous Communication Mode
Figure 22.4 shows the initialization in clocked synchronous communication mode. Before
transmitting and receiving data, the TE and RE bits in SSER should be cleared to 0, then the SSU
should be initialized.
Note:
When the operating mode, or transfer format, is changed for example, the TE and RE bits
must be cleared to 0 before making the change using the following procedure. When the
TE bit is cleared to 0, the TDRE flag is set to 1. Note that clearing the RE bit to 0 does not
change the contents of the RDRF and ORER flags, or the contents of SSRDR.
Start
Clear TE and RE bits in SSER to 0
Clear SSUMS bit in SSMR2 to 0
Clear CPOS and CPHS bits in SSMR
to 0 and set MLS and CKS2 to CKS0
bits in SSCRH
Set SCKS bit in SSMR2 to 1 and
set MSSS bit in SOOS and SSCRH
Clear ORER bit in SSSR to 0
Set the TE and RE bits in SSER to 1
and set RIE, TIE and TEIE bits, and
RSSTP bit in SSCRH according to
transmission/reception/transmission
and reception
End
Figure 22.4 Initialization in Clocked Synchronous Communication Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com