công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 793 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 793 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 789Page - Renesas Technology Corp H8S/20223 Datasheet HTML 790Page - Renesas Technology Corp H8S/20223 Datasheet HTML 791Page - Renesas Technology Corp H8S/20223 Datasheet HTML 792Page - Renesas Technology Corp H8S/20223 Datasheet HTML 793Page - Renesas Technology Corp H8S/20223 Datasheet HTML 794Page - Renesas Technology Corp H8S/20223 Datasheet HTML 795Page - Renesas Technology Corp H8S/20223 Datasheet HTML 796Page - Renesas Technology Corp H8S/20223 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 767 of 962
REJ09B0465-0100
Section 22 Synchronous Serial Communication Unit (SSU)
Note:
In this section, the synchronous serial communication unit is abbreviated as SSU for
convenience.
The synchronous serial communication unit (SSU) can handle clocked synchronous serial data
communication.
Figure 22.1 shows a block diagram of the SSU.
Either the SSU or IIC2 incorporated in this LSI can be used at a time. Accordingly, when the SSU
function is used, the IIC2 function is not available.
22.1
Features
• Can be operated in clocked synchronous communication mode or four-line bus communication
mode (including bidirectional communication mode)
• Can be operated as a master or a slave device
• Choice of seven internal clocks (φ/256, φ/128, φ/64, φ/32, φ/16, φ/8, φ/4) and an external clock
as a clock source
• Clock polarity and phase of SSCK can be selected
• Choice of data transfer direction (MSB-first or LSB-first)
• Receive error detection: overrun error
• Multimaster error detection: conflict error
• Five interrupt sources: transmit-end, transmit-data-empty, receive-data-full, overrun error, and
conflict error. The DTC can be activated by the transmit-data-empty and receive-data-full
interrupts.
• The transmitter and receiver with buffer structure allow continuous transmission and reception
of serial data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com