công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 792 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 792 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 788Page - Renesas Technology Corp H8S/20223 Datasheet HTML 789Page - Renesas Technology Corp H8S/20223 Datasheet HTML 790Page - Renesas Technology Corp H8S/20223 Datasheet HTML 791Page - Renesas Technology Corp H8S/20223 Datasheet HTML 792Page - Renesas Technology Corp H8S/20223 Datasheet HTML 793Page - Renesas Technology Corp H8S/20223 Datasheet HTML 794Page - Renesas Technology Corp H8S/20223 Datasheet HTML 795Page - Renesas Technology Corp H8S/20223 Datasheet HTML 796Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 792 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 766 of 962
REJ09B0465-0100
21.6
Usage Notes
21.6.1
SCL and SDA pins selected by PMC
This LSI incorporates the IIC2 and SSU modules, one of which module functions should be
selected by the SELICSU bit in ICSUSR. Therefore, when assigning the pin functions using the
peripheral function mapping controller (PMC), the SCL and SDA pin functions should be
assigned to the P56 and P57 pins when the IIC2 function is selected. If these pin functions are
assigned to other pins, correct operation cannot be guaranteed.
21.6.2
Restriction on Use of Bit Manipulation Instructions to Set MST and TRS in Multi-
Master Usage
When master transmission is selected by consecutively manipulating the MST and TRS bits in
multi-master usage, an arbitration loss during execution of the bit-manipulation instruction for
TRS leads to the contradictory situation where AL in ICSR is 1 in master transmit mode
(MST = 1, TRS = 1).
Ways to avoid this effect are listed below.
• Use the MOV instruction to set MST and TRS when used in multi-master mode.
• When arbitration is lost, confirm that MST = 0 and TRS = 0. If the setting of MST = 0 and
TRS = 0 is not confirmed, then set MST = 0 and TRS = 0 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com