công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 730 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 730 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 726Page - Renesas Technology Corp H8S/20223 Datasheet HTML 727Page - Renesas Technology Corp H8S/20223 Datasheet HTML 728Page - Renesas Technology Corp H8S/20223 Datasheet HTML 729Page - Renesas Technology Corp H8S/20223 Datasheet HTML 730Page - Renesas Technology Corp H8S/20223 Datasheet HTML 731Page - Renesas Technology Corp H8S/20223 Datasheet HTML 732Page - Renesas Technology Corp H8S/20223 Datasheet HTML 733Page - Renesas Technology Corp H8S/20223 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 704 of 962
REJ09B0465-0100
Yes
<End>
No
Start reception
[1]
No
Yes
Read RDRF flag in SSR
[2]
[3]
Clear RE bit in SCR3 to 0
Read OER, PER, and
FER flags in SSR
Receive error processing
(Continued on next page)
[4]
Read receive data in RDR
Yes
No
OER+PER+FER = 1
RDRF = 1
Is data reception continued?
[1] Read the OER, PER, and FER flags in
SSR to identify the error. If a receive
error occurs, performs the appropriate
error processing.
[2] Read SSR and check that RDRF = 1,
then read the receive data in RDR.
The RDRF flag is cleared automatically.
[3] To continue data reception, before the
stop bit for the current frame is
received, read the RDRF flag and read
RDR. The RDRF flag is cleared
automatically by te RDR read.
If RDR data is transferred by the DTC
which was activated by an RXI
interrupt, the RDRF flag is cleared
automatically.
[4] If a receive error occurs, read the OER,
PER, and FER flags in SSR to identify
the error. After performing the
appropriate error processing, ensure
that the OER, PER, and FER flags are
all cleared to 0. Reception cannot be
resumed if any of these flags are set to
1. In the case of a framing error, a
break can be detected by reading the
value of the RxD pin.
(A)
Figure 20.8 Sample Flowchart for Data Reception (Asynchronous Mode) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com