| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20223 bảng dữ liệu(PDF) 733 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20223 bảng dữ liệu(HTML) 733 Page - Renesas Technology Corp |
|
733 / 992 page ![]() Section 20 Serial Communication Interface 3 (SCI3, IrDA) Rev. 1.00 Oct. 03, 2008 Page 707 of 962 REJ09B0465-0100 20.4.3 Data Transmission Figure 20.10 shows an example of SCI3 operation for transmission in clocked synchronous mode. In transmission, the SCI3 operates as described below. 1. The SCI3 monitors the TDRE flag in SSR, and if the flag is 0, the SCI3 recognizes that data has been written to TDR, and transfers the data from TDR to TSR. 2. The SCI3 sets the TDRE flag to 1 and starts transmission. If the TIE bit in SCR3 is set to 1 at this time, a transmit data empty interrupt (TXI) is generated. 3. The SCI3 outputs eight synchronization clock pulses when clock output mode has been specified. Data is output in synchronization with the input clock when use of an external clock has been specified. Serial data is transmitted sequentially from the LSB (bit 0), from the TXD pin. 4. The SCI3 checks the TDRE flag at the timing for sending the MSB (bit 7). 5. If the TDRE flag is cleared to 0, data is transferred from TDR to TSR, and transmission of the next frame is started. 6. If the TDRE flag is set to 1, the TEND flag in SSR is set to 1, and the TDRE flag maintains the output state of the MSB. If the TEIE bit in SCR3 is set to 1 at this time, a TEI interrupt request is generated. 7. The SCK3 pin is fixed high at the end of transmission. Figure 20.11 shows a sample flowchart for data transmission. Transmission will not start while a receive error flag (OER, FER, or PER) is set to 1. Make sure that the receive error flags are cleared to 0 before starting transmission. Serial clock Serial data Bit 1 Bit 0 Bit 7 Bit 0 1 frame 1 frame Bit 1 Bit 6 Bit 7 TDRE TEND LSI operation User processing TXI interrupt request generated Data written to TDR TDRE flag cleared to 0 TXI interrupt request generated TEI interrupt request generated Figure 20.10 Example of Transmission in Clocked Synchronous Mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |