công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 727 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 727 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 723Page - Renesas Technology Corp H8S/20223 Datasheet HTML 724Page - Renesas Technology Corp H8S/20223 Datasheet HTML 725Page - Renesas Technology Corp H8S/20223 Datasheet HTML 726Page - Renesas Technology Corp H8S/20223 Datasheet HTML 727Page - Renesas Technology Corp H8S/20223 Datasheet HTML 728Page - Renesas Technology Corp H8S/20223 Datasheet HTML 729Page - Renesas Technology Corp H8S/20223 Datasheet HTML 730Page - Renesas Technology Corp H8S/20223 Datasheet HTML 731Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 701 of 962
REJ09B0465-0100
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Write transmit data to TDR
Yes
No
No
Yes
Read TEND flag in SSR
[2]
No
Yes
[3]
Clear PDR to 0, set PCR to 1,
and clear PMR to 0
Clear TE bit in SCR3 to 0
TDRE = 1
Is data transmission continued?
TEND = 1
Break output?
[1] Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR. When data is
written to TDR, the TDRE flag is
automaticaly cleared to 0.
[2] To continue data transmission,
read 1 from the TDRE flag to
confirm that writing is possible,
then write data to TDR. When data
is written to TDR, the TDRE flag is
automaticaly cleared to 0.
If data is transferred to TDR by the
DTC with a transmit data empty
interrupt (TXI) request, the TDRE
flag is automatically checked and
cleared.
[3] To output a break at the end of
data transmission, clear PMR
corresponding to TxD to 0, after
setting PCR to 1 and PDR to 0,
then clear the TE bit in SCR3 to 0.
Figure 20.6 Sample Flowchart for Transmitting Data (Asynchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com