công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 725 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 725 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 721Page - Renesas Technology Corp H8S/20223 Datasheet HTML 722Page - Renesas Technology Corp H8S/20223 Datasheet HTML 723Page - Renesas Technology Corp H8S/20223 Datasheet HTML 724Page - Renesas Technology Corp H8S/20223 Datasheet HTML 725Page - Renesas Technology Corp H8S/20223 Datasheet HTML 726Page - Renesas Technology Corp H8S/20223 Datasheet HTML 727Page - Renesas Technology Corp H8S/20223 Datasheet HTML 728Page - Renesas Technology Corp H8S/20223 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 699 of 962
REJ09B0465-0100
Wait
<Initialization completion>
Start initialization
Set data transfer format in SMR.
[1]
Set TXD, RXD, and SCK3 pins by PMC.
Set CKE1 and CKE0 bits in SCR3.
No
Yes
Set value in BRR.
Clear TE and RE bits in SCR3 to 0.
[2]
[3]
Set TE and RE bits in SCR3 to 1,
and set RIE, TIE, TEIE, and MPIE bits.
Set PMR bit corresponding to TXD and
RXD pins to 1.
[4]
1-bit interval elapsed?
[1]
With the PMC, select which of the TXD,
RXD, and SCK3 pins are to be used.
Set the clock selection in SCR3. Be sure
to clear the other bits in SCR3 to 0.
When clock output is selected in
asynchronous mode, after the CKE1 and
CKE0 settings have been made, output
of the clock signal begins immediately
upon setting of the PMR bits that
correspond to pins selected by SCK3.
When clock output is selected with
reception in clock-synchronous mode,
and CKE1, CKE0, and RE are set to 1,
output of the clock signal begins
immediately upon setting of the PMR bits
that correspond to pins selected by
SCK3.
[2]
Set the data transfer format in SMR.
[3]
Write the value corresponding to the bit
rate to BRR. Not necessary if an
external clock is used.
[4]
Wait at least one bit interval, then set the
TE bit or RE bit in SCR3 to 1.
For transmission, enable use of the TXD
output pin by setting the PMR bit for the
pin selected as TXD by the PMC to 1.
For reception, enable use of the RXD
input pin by setting the PMR bit for the
pin selected as RXD by the PMC to 1.
Also set the RIE, TIE, TEIE, and MPIE
bits, according to the required interrupts.
In asynchronous mode, SCI3 is in the
mark state (active) for transmission and
in the space state (idle) while waiting for
the start bit during reception. After the
TE bit has been set to 1 in the case of
transmission, transmission is enabled
after the output of a frame with all bits 1.
Figure 20.4 Sample Flowchart for Initializing SCI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com