công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 538 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 538 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 534Page - Renesas Technology Corp H8S/20223 Datasheet HTML 535Page - Renesas Technology Corp H8S/20223 Datasheet HTML 536Page - Renesas Technology Corp H8S/20223 Datasheet HTML 537Page - Renesas Technology Corp H8S/20223 Datasheet HTML 538Page - Renesas Technology Corp H8S/20223 Datasheet HTML 539Page - Renesas Technology Corp H8S/20223 Datasheet HTML 540Page - Renesas Technology Corp H8S/20223 Datasheet HTML 541Page - Renesas Technology Corp H8S/20223 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 512 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
5
EB1
Master enable
B1
0: FTIOB1 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORA_1 settings
1: FTIOB1 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORA_1 settings
(FTIOB1 pin is operated as an I/O port).
R/W
4
EA1
Master enable
A1
0: FTIOA1 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORA_1 settings
1: FTIOA1 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORA_1 settings
(FTIOA1 pin is operated as an I/O port).
R/W
3
ED0
Master enable
D0
0: FTIOD0 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORC_0 settings
1: FTIOD0 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORC_0 settings
(FTIOD0 pin is operated as an I/O port).
R/W
2
EC0
Master enable
C0
0: FTIOC0 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORC_0 settings
1: FTIOC0 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORC_0 settings
(FTIOC0 pin is operated as an I/O port).
R/W
1
EB0
Master enable
B0
0: FTIOB0 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORA_0 settings
1: FTIOB0 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORA_0 settings
(FTIOB0 pin is operated as an I/O port).
R/W
0
EA0
Master enable
A0
0: FTIOA0 pin output is enabled according to the
TRDPMR, TRDFCR, and TRDIORA_0 settings
1: FTIOA0 pin output is disabled regardless of the
TRDPMR, TRDFCR, and TRDIORA_0 settings
(FTIOA0 pin is operated as an I/O port).
R/W
TRDOER1 enables/disables the outputs for channel 0 and channel 1. When
TRDOI is selected for
inputs, if a low level signal is input to
TRDOI, the bits in TRDOER1 are set to 1 to disable the
output for timer RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com