công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 535 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 535 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 531Page - Renesas Technology Corp H8S/20223 Datasheet HTML 532Page - Renesas Technology Corp H8S/20223 Datasheet HTML 533Page - Renesas Technology Corp H8S/20223 Datasheet HTML 534Page - Renesas Technology Corp H8S/20223 Datasheet HTML 535Page - Renesas Technology Corp H8S/20223 Datasheet HTML 536Page - Renesas Technology Corp H8S/20223 Datasheet HTML 537Page - Renesas Technology Corp H8S/20223 Datasheet HTML 538Page - Renesas Technology Corp H8S/20223 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 509 of 962
REJ09B0465-0100
16.2.4
Timer RD Function Control Register (TRDFCR)
Address:
Bit:
Value after reset:
b7
PWM3
1
b6
STCLK
0
b5
ADEG
0
b4
ADTRG
0
b3
OLS1
0
b2
OLS0
0
b1
0
b0
0
H'FFFFD5
CMD[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
PWM3
PWM3 mode
select
0: PWM3 mode is selected
1: PWM3 mode is not selected*
1
R/W
6
STCLK
External clock
input select
0: External clock input is disabled
1: External clock input is enabled
R/W
5
ADEG
A/D trigger
edge select
0: The A/D trigger signal is asserted when
TRDCNT_0 matches GRA_0 in complementary
PWM mode
1: The A/D trigger signal is asserted when
TRDCNT_1 underflows in complementary PWM
mode
R/W
4
ADTRG
External
trigger disable
0: A/D trigger for PWM cycles is disabled in
complementary PWM mode
1: A/D trigger for PWM cycles is enabled in
complementary PWM mode*
2
R/W
3
OLS1
Output level
select 1
0: Initial output is high and the active level is low.
1: Initial output is low and the active level is high.
R/W
2
OLS0
Output level
select 0
0: Initial output is high and the active level is low.
1: Initial output is low and the active level is high.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com