công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 540 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 540 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 536Page - Renesas Technology Corp H8S/20223 Datasheet HTML 537Page - Renesas Technology Corp H8S/20223 Datasheet HTML 538Page - Renesas Technology Corp H8S/20223 Datasheet HTML 539Page - Renesas Technology Corp H8S/20223 Datasheet HTML 540Page - Renesas Technology Corp H8S/20223 Datasheet HTML 541Page - Renesas Technology Corp H8S/20223 Datasheet HTML 542Page - Renesas Technology Corp H8S/20223 Datasheet HTML 543Page - Renesas Technology Corp H8S/20223 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 514 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2
TOC0
Output level
select C0
0: 0 output at the FTIOC0 pin*
1: 1 output at the FTIOC0 pin*
R/W
1
TOB0
Output level
select B0
• In modes other than PWM3 mode
0: 0 output at the FTIOB0 pin*
1: 1 output at the FTIOB0 pin*
• In PWM3 mode
0: 1 output at the FTIOB0 pin on GRB_1
compare match and 0 output at the FTIOB0 pin
on GRB_0 compare match
1: 0 output at the FTIOB0 pin on GRB_1
compare match and 1 output at the FTIOB0 pin
on GRB_0 compare match
R/W
0
TOA0
Output level
select A0
• In modes other than PWM3 mode
0: 0 output at the FTIOA0 pin*
1: 1 output at the FTIOA0 pin*
• In PWM3 mode
0: 1 output at the FTIOB0 pin on GRA_1
compare match and 0 output at the FTIOB0 pin
on GRA_0 compare match
1: 0 output at the FTIOB0 pin on GRA_1
compare match and 1 output at the FTIOB0 pin
on GRA_0 compare match
R/W
Note:
*
The change of the setting is immediately reflected in the output value.
TRDOCR selects the initial outputs before the first occurrence of a compare match. Note that bits
OLS1 and OLS0 in TRDFCR set these initial outputs in reset synchronous PWM mode and
complementary PWM mode.
In PWM3 mode, TRDOCR selects the output level of the FTIOA0 and FTIOB0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com