công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 503 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 503 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 499Page - Renesas Technology Corp H8S/20223 Datasheet HTML 500Page - Renesas Technology Corp H8S/20223 Datasheet HTML 501Page - Renesas Technology Corp H8S/20223 Datasheet HTML 502Page - Renesas Technology Corp H8S/20223 Datasheet HTML 503Page - Renesas Technology Corp H8S/20223 Datasheet HTML 504Page - Renesas Technology Corp H8S/20223 Datasheet HTML 505Page - Renesas Technology Corp H8S/20223 Datasheet HTML 506Page - Renesas Technology Corp H8S/20223 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 477 of 962
REJ09B0465-0100
15.3.4
Digital Filtering Function for Input Capture Inputs
Input signals on the FTIOA to FIOD and TRGC pin can be input via the digital filters. The digital
filter includes three latches connected in series and a match detector circuit. The input signals on
the FTIOA to FTIOD or TRGC pins are using on the sampling clock specified by the DFCK1 and
DFCK0 bits in TRCDF. When outputs of the three latches match, the match detector circuit
outputs the signal level of the input. Otherwise, the output remains unchanged. That is, when a
pulse width is equal to or greater than three sampling clock cycles, the pulse is input as a signal.
When a pulse width is less than three sampling clock cycles, the pulse is considered as noise to be
removed.
φ40
φ/32
FTCI
φ/8
φ/4
φ/2
φ
φ, φ40
CKS2 to
CKS0
DFCK1 and
DFCK0
DFTRG and
DFA to DFD
IOA[1:0] to
IOD[1:0]
Sampling clock
φ/32
φ/8
φ
Match
detector
circuit
Selecter
Edge
detecting
circuit
Sampling clock
FTIOA to FTIOD
or TRGC
input signal
C
Latch
DQ
C
Latch
DQ
C
Latch
DQ
C
Latch
D
Q
FTIOA to FTIOD
and TRGC
input signals
Digital-filtered signal
Cycle of a clock specified
by CKS2 to CKS0
or DFCK1 and DFCK0
Signal change is not output unless
signal levels match three times.
Signal propagation delay:
5 sampling clocks
C
Latch
DQ
Figure 15.22 Block Diagram of Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com