công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 507 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 507 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 503Page - Renesas Technology Corp H8S/20223 Datasheet HTML 504Page - Renesas Technology Corp H8S/20223 Datasheet HTML 505Page - Renesas Technology Corp H8S/20223 Datasheet HTML 506Page - Renesas Technology Corp H8S/20223 Datasheet HTML 507Page - Renesas Technology Corp H8S/20223 Datasheet HTML 508Page - Renesas Technology Corp H8S/20223 Datasheet HTML 509Page - Renesas Technology Corp H8S/20223 Datasheet HTML 510Page - Renesas Technology Corp H8S/20223 Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 481 of 962
REJ09B0465-0100
Figure 15.25 is an example when non-overlapped pulses are output on pins FTIOA and FTIOB. In
this example, TRCCNT functions as a periodic counter which is cleared on compare match A (bit
CCLR in TRCCR1 is set to 1), an output signal is toggled on compare match A (bits IOA2 to
IOA0 in TRCIOR0 are set to B'011), the output signal on the FTIOA pin is toggled on compare
match C (GRC) (bits IOC3 to IOC0 in TRCIOR1are set to B'0X11), an output signal is toggled on
compare match B (GRB) (bits IOB2 to IOB0 in TRCIOR0 are set to B'011), and the output signal
on the FTIOB pin is toggled on compare match D (GRD) (bits IOD3 to IOD0 in TRCIOR1 are set
to B'0X11). The cycle of the pulse is arbitrary.
H'FFFF
H'0000
GRA
GRC
GRB
GRD
FTIOA
FTIOB
TRCCNT
Counter cleared by compare match of GRA
Time
Figure 15.25 Example of Non-Overlapped Pulses Output on Pins FTIOA and FTIOB
(TRCCNT Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com