công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 500 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 500 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 496Page - Renesas Technology Corp H8S/20223 Datasheet HTML 497Page - Renesas Technology Corp H8S/20223 Datasheet HTML 498Page - Renesas Technology Corp H8S/20223 Datasheet HTML 499Page - Renesas Technology Corp H8S/20223 Datasheet HTML 500Page - Renesas Technology Corp H8S/20223 Datasheet HTML 501Page - Renesas Technology Corp H8S/20223 Datasheet HTML 502Page - Renesas Technology Corp H8S/20223 Datasheet HTML 503Page - Renesas Technology Corp H8S/20223 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 474 of 962
REJ09B0465-0100
The value of TRCCNT
H'FFFF
H'0000
GRA
GRB
GRC
FTIOB
FTIOA/TRGC
FTIOB
When TOB = 0, the trigger input is ignored
while the FTIOB pin is driven high, whereas
when TOB = 1, the trigger input is ignored
while the FTIOB pin is driven low
GRD
GRB
A
AB
C
D
BC
D
(Output transformation
when TOB = 0)
(Output transformation
when TOB = 1)
Time
Figure 15.17 Example (1) of TRGC Synchronous Operation in PWM2 Mode
The value of TRCCNT
H'FFFF
H'0000
GRA
GRB
GRC
CTS
GRD
GRB
Data written from
the CPU to GRD
Data copied from
GRD to GRB
A
AB
A
A
BC
A
High
FTIOB
FTIOA/TRGC
FTIOB
Time
(Output transformation
when TOB = 0)
(Output transformation
when TOB = 1)
Figure 15.18 Example (2) of TRGC Synchronous Operation in PWM2 Mode
The following is an example of stopping operation of the counter in PWM2 mode. When the
CSTP bit in TRCCR2 is set to 1 and the CCLR bit in TRCCR1 is set to 1, TRCCNT is cleared to
H'0000 on a compare match with GRA and stops counting. Moreover, TRCCNT is forcibly
stopped and cleared to the initial value when the CTS bit in TRCMR is cleared to 0. Figure 15.19
shows such an example when the TOB bit in TRCCR1 is cleared to 0 and set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com