công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 275 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 275 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 271Page - Renesas Technology Corp H8S/2454 Datasheet HTML 272Page - Renesas Technology Corp H8S/2454 Datasheet HTML 273Page - Renesas Technology Corp H8S/2454 Datasheet HTML 274Page - Renesas Technology Corp H8S/2454 Datasheet HTML 275Page - Renesas Technology Corp H8S/2454 Datasheet HTML 276Page - Renesas Technology Corp H8S/2454 Datasheet HTML 277Page - Renesas Technology Corp H8S/2454 Datasheet HTML 278Page - Renesas Technology Corp H8S/2454 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 245 of 1342
REJ09B0467-0100
6.8
Synchronous DRAM Interface
In the H8S/2456R Group, external address space areas 2 to 5 can be designated as continuous
synchronous DRAM space, and synchronous DRAM interfacing performed. The synchronous
DRAM interface allows synchronous DRAM to be directly connected to this LSI. A synchronous
DRAM space of up to 8 Mbytes can be set by means of bits RMTS2 to RMTS0 in DRAMCR.
Synchronous DRAM of CAS latency 1 to 4 can be connected.
Note:
The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454
Group.
6.8.1
Setting Continuous Synchronous DRAM Space
Areas 2 to 5 are designated as continuous synchronous DRAM space by setting bits RMTS2 to
RMTS0 in DRAMCR. The relation between the settings of bits RMTS2 to RMTS0 and
synchronous DRAM space is shown in table 6.8. Possible synchronous DRAM interface settings
are and continuous area (areas 2 to 5).
Table 6.8
Relation between Settings of Bits RMTS2 to RMTS0 and Synchronous DRAM
Space
RMTS2
RMTS1
RMTS0
Area 5
Area 4
Area 3
Area 2
0
1
Normal space
Normal space
Normal space
DRAM space
0
Normal space
Normal space
DRAM space
DRAM space
0
1
1
DRAM space
DRAM space
DRAM space
DRAM space
0
Continuous synchronous DRAM space
0
1
Mode settings of synchronous DRAM
0
Reserved (setting prohibited)
1
1
1
Continuous DRAM space
With continuous synchronous DRAM space,
CS2, CS3, CS4 pins are used as RAS, CAS, WE
signal. The (
OE) pin of the synchronous DRAM is used as the CKE signal, and the CS5 pin is
used as synchronous DRAM clock (SDRAM
φ). The bus specifications for continuous
synchronous DRAM space conform to the settings for area 2. The pin wait and program wait for
the continuous synchronous DRAM are invalid.
Commands for the synchronous DRAM can be specified by combining
RAS, CAS, WE, and
address-precharge-setting command (Precharge-sel) output on the upper column addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com