công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 261 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 261 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 257Page - Renesas Technology Corp H8S/2454 Datasheet HTML 258Page - Renesas Technology Corp H8S/2454 Datasheet HTML 259Page - Renesas Technology Corp H8S/2454 Datasheet HTML 260Page - Renesas Technology Corp H8S/2454 Datasheet HTML 261Page - Renesas Technology Corp H8S/2454 Datasheet HTML 262Page - Renesas Technology Corp H8S/2454 Datasheet HTML 263Page - Renesas Technology Corp H8S/2454 Datasheet HTML 264Page - Renesas Technology Corp H8S/2454 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 231 of 1342
REJ09B0467-0100
This LSI
(Address shift size
set to 10 bits)
RASn (CSn)
2-CAS type 16-Mbit DRAM
1-Mbyte
× 16-bit configuration
10-bit column address
RAS
UCAS
UCAS
LCAS
LCAS
HWR (WE)
WE
RD (OE)
OE
A9
A8
A10
A9
A8
A7
A7
A6
A6
A5
A5
A4
A4
A3
A3
A2
A2
A1
A1
A0
D15 to D0
D15 to D0
Row address input:
A9 to A0
Column address input:
A9 to A0
Figure 6.41 Example of 2-CAS DRAM Connection
6.7.11
Burst Operation
With DRAM, in addition to full access (normal access) in which data is accessed by outputting a
row address for each access, a fast page mode is also provided which can be used when making
consecutive accesses to the same row address. This mode enables fast (burst) access of data by
simply changing the column address after the row address has been output. Burst access can be
selected by setting the BE bit to 1 in DRAMCR.
(1) Burst Access (Fast Page Mode)
Figures 6.42 and 6.43 show the operation timing for burst access. When there are consecutive
access cycles for DRAM space, the
CAS signal and column address output cycles (two states)
continue as long as the row address is the same for consecutive access cycles. The row address
used for the comparison is set with bits MXC2 to MXC0 in DRAMCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com