công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 202 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 202 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 198Page - Renesas Technology Corp H8S/2454 Datasheet HTML 199Page - Renesas Technology Corp H8S/2454 Datasheet HTML 200Page - Renesas Technology Corp H8S/2454 Datasheet HTML 201Page - Renesas Technology Corp H8S/2454 Datasheet HTML 202Page - Renesas Technology Corp H8S/2454 Datasheet HTML 203Page - Renesas Technology Corp H8S/2454 Datasheet HTML 204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 172 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
6
RCDM
0
R/W
RAS Down Mode
When access to DRAM space is interrupted by an
access to normal space, an access to an internal
I/O register, etc., this bit selects whether the
RAS
signal is held low while waiting for the next DRAM
access (
RAS down mode), or is driven high again
(
RAS up mode). The setting of this bit is valid only
when the BE bit is set to 1.
If this bit is cleared to 0 when set to 1 in the
RAS
down state, the
RAS down state is cleared at that
point, and
RAS goes high.
When continuous synchronous DRAM space is
set, reading from and writing to this bit is enabled.
However, the setting does not affect the operation.
0:
RAS up mode selected for DRAM space access
1:
RAS down mode selected for DRAM space
access
5
DDS
0
R/W
DMAC Single Address Transfer Option
Selects whether full access is always performed or
burst access is enabled when DMAC single
address transfer is performed on the
DRAM/synchronous DRAM.
When the BE bit is cleared to 0 in DRAMCR,
disabling DRAM/synchronous DRAM burst
access, DMAC single address transfer is
performed in full access mode regardless of the
setting of this bit.
This bit has no effect on other bus master external
accesses or DMAC dual address transfers.
0: Full access is always executed
1: Burst access is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com