công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 177 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 173Page - Renesas Technology Corp H8S/2454 Datasheet HTML 174Page - Renesas Technology Corp H8S/2454 Datasheet HTML 175Page - Renesas Technology Corp H8S/2454 Datasheet HTML 176Page - Renesas Technology Corp H8S/2454 Datasheet HTML 177Page - Renesas Technology Corp H8S/2454 Datasheet HTML 178Page - Renesas Technology Corp H8S/2454 Datasheet HTML 179Page - Renesas Technology Corp H8S/2454 Datasheet HTML 180Page - Renesas Technology Corp H8S/2454 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 147 of 1342
REJ09B0467-0100
Section 6 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the external address space divided into
eight areas.
The bus controller also has a bus arbitration function, and controls the operation of the bus
mastership
the CPU, DMA controller (DMAC), EXDMA controller (EXDMAC)*, and data
transfer controller (DTC). A block diagram of the bus controller is shown in figure 6.1.
Note: * Not supported by the H8S/2454 Group.
6.1
Features
• Manages external address space in area units
Manages the external address space divided into eight areas of 2 Mbytes
Bus specifications can be set independently for each area
Burst ROM, DRAM, synchronous DRAM*
1, and address/data multiplexed I/O interfaces can
be set
• Basic bus interface
Chip select signals (
CS0 to CS7) can be output for areas 0 to 7
8-bit access or 16-bit access can be selected for each area
2-state access or 3-state access can be selected for each area
Program wait cycles can be inserted for each area
Extension cycles can be inserted while
CS is asserted for each area
Wait cycles can be inserted by the
WAIT pin
The negation timing of the read strobe signal (
RD) can be modified
• Burst ROM interface
Burst ROM interface can be set independently for areas 0 and 1
• Address/data multiplexed I/O interface
Address/data multiplexed I/O interface can be set for areas 6 and 7
• DRAM interface
DRAM interface can be set for areas 2 to 5
• Synchronous DRAM interface*1
Continuous synchronous DRAM space can be set for areas 2 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com