công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 155 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 155 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 151Page - Renesas Technology Corp H8S/2454 Datasheet HTML 152Page - Renesas Technology Corp H8S/2454 Datasheet HTML 153Page - Renesas Technology Corp H8S/2454 Datasheet HTML 154Page - Renesas Technology Corp H8S/2454 Datasheet HTML 155Page - Renesas Technology Corp H8S/2454 Datasheet HTML 156Page - Renesas Technology Corp H8S/2454 Datasheet HTML 157Page - Renesas Technology Corp H8S/2454 Datasheet HTML 158Page - Renesas Technology Corp H8S/2454 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1376 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 125 of 1342
REJ09B0467-0100
5.4
Interrupt Sources
5.4.1
External Interrupts
The H8S/2456 Group and H8S/2456R Group each have seventeen external interrupts: NMI and
IRQ15 to IRQ0. The H8S/2454 Group has nine external interrupts: NMI and IRQ7 to IRQ0. These
interrupts can be used to restore the chip from software standby mode.
NMI Interrupt: Nonmaskable interrupt request (NMI) is the highest-priority interrupt, and is
always accepted by the CPU regardless of the interrupt control mode or the status of the CPU
interrupt mask bits. The NMIEG bit in INTCR can be used to select whether an interrupt is
requested at a rising edge or a falling edge on the NMI pin.
IRQn Interrupts (n = 0 to 15 for H8S/2456 Group and H8S/2456R Group, n = 0 to 7 for
H8S/2454 Group): An IRQn interrupt is requested by an input signal at the
IRQn pin. The IRQn
interrupts have the following features:
•
Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, at the
IRQn pin.
•
Enabling or disabling of IRQn interrupt requests can be selected with IER.
•
The interrupt priority level can be set with IPR.
•
The status of IRQn interrupt requests is indicated in ISR. ISR flags can be cleared to 0 by
software.
When IRQn interrupt requests occur at low level of the
IRQn pin, the corresponding IRQ pin
should be held low until an interrupt handling starts. Then the corresponding
IRQ pin should be
set to high in the interrupt handling routine and clear the IRQnF bit in ISR to 0. Interrupts may not
be executed when the corresponding
IRQ pin is set to high before the interrupt handling starts.
Detection of IRQn interrupts does not depend on whether the relevant pin has been set for input or
output. However, when a pin is used as an external interrupt input pin, do not clear the
corresponding DDR to 0 and use the pin as an I/O pin for another function.
A block diagram of IRQn interrupts is shown in figure 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com