công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 135 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 135 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 131Page - Renesas Technology Corp H8S/2454 Datasheet HTML 132Page - Renesas Technology Corp H8S/2454 Datasheet HTML 133Page - Renesas Technology Corp H8S/2454 Datasheet HTML 134Page - Renesas Technology Corp H8S/2454 Datasheet HTML 135Page - Renesas Technology Corp H8S/2454 Datasheet HTML 136Page - Renesas Technology Corp H8S/2454 Datasheet HTML 137Page - Renesas Technology Corp H8S/2454 Datasheet HTML 138Page - Renesas Technology Corp H8S/2454 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1376 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 105 of 1342
REJ09B0467-0100
Section 5 Interrupt Controller
5.1
Features
•
Two interrupt control modes
Any of two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the
interrupt control register (INTCR).
•
Priorities settable with IPR
An interrupt priority register (IPR) is provided for setting interrupt priorities. Eight priority
levels can be set for each module for all interrupts except NMI. NMI is assigned the highest
priority level of 8, and can be accepted at all times.
•
Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
•
External interrupt pins
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
can be selected for NMI. Falling edge, rising edge, or both edge detection, or level sensing, can
be selected for
IRQn-A and IRQn-B.
Note:
n = 15 to 0 for H8S/2456 Group and H8S/2456R Group, n = 7 to 0 for H8S/2454
Group
•
DTC and DMAC control
DTC and DMAC activations are performed by means of interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com