công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1281 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1281 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1277Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1278Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1279Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1280Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1281Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1282Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1283Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1284Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1281 / 1376 page
background image
Section 27 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1251 of 1342
REJ09B0467-0100
Item
Symbol
Min.
Max.
Unit
Test Conditions
t
OED1
15
ns
OE delay time 1*1
t
OED1B
19
ns
t
OED2
15
ns
OE delay time 2*1
t
OED2B
19
ns
Precharge time 1
t
PCH1
1.0
× t
cyc −20
ns
Precharge time 2
t
PCH2
1.5
× t
cyc −20
ns
Figures 27.8 to
27.23,
Figures 27.34
and 27.35
Self-refresh precharge time 1
t
RPS1
2.5
× t
cyc −20
ns
Self-refresh precharge time 2
t
RPS2
3.0
× t
cyc −20
ns
Figures 27.22
and 27.23
WAIT setup time
t
WTS
25
ns
WAIT hold time
t
WTH
1
ns
Figures 27.10,
27.16, and 27.35
BREQ setup time
t
BREQS
30
ns
Figure 27.24
BACK delay time
t
BACD
15
ns
Bus floating time
t
BZD
40
ns
BREQO delay time
t
BRQOD
25
ns
Figure 27.25
Address delay time 2*
2
t
AD2
16.5
ns
Figure 27.26
CS delay time 4*2
t
CSD4
16.5
ns
Figure 27.26
DQM delay time*
2
t
DQMD
16.5
ns
Figure 27.26
t
CKED
16.5
ns
CKE delay time 1*2*3
t
CKEDB
19
ns
Figures 27.27
and 27.28
Read data setup time 3*
2
t
RDS3
15
ns
Figure 27.26
Read data hold time 3*
2
t
RDH3
0
ns
Figure 27.26
Write data delay time 2*
2
t
WDD
31.5
ns
Figure 27.26
Write data hold time 4*
2
t
WDH4
2
ns
Figure 27.26
Notes: 1. t
OED1, and tOED2 correspond to the OE-A, tOED1B, and tOED2B correspond to the OE-B.
2. Supported only by the H8S/2456R Group.
3. t
CKED corresponds to the CKE-A, tCKEDB corresponds to the CKE-B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com