công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1218 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1218 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1214Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1215Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1216Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1217Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1218Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1219Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1220Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1221Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1218 / 1376 page
background image
Section 26 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1188 of 1342
REJ09B0467-0100
26.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
DTC mode register A
MRA
8
DTC
16/32
2
DTC source address register
SAR
24
DTC
16/32
2
DTC mode register B
MRB
8
DTC
16/32
2
DTC destination address register
DAR
24
DTC
16/32
2
DTC transfer count register A
CRA
16
DTC
16/32
2
DTC transfer count register B
CRB
16
H'BC00 to
H'BFFF
DTC
16/32
2
Interrupt flag register 0
IFR0
8
H'FB00
USB
8
3
Interrupt flag register 1
IFR1
8
H'FB01
USB
8
3
Interrupt flag register 2
IFR2
8
H'FB02
USB
8
3
Interrupt enable register 0
IER0
8
H'FB08
USB
8
3
Interrupt enable register 1
IER1
8
H'FB09
USB
8
3
Interrupt enable register 2
IER2
8
H'FB0A
USB
8
3
Interrupt select register 0
ISR0
8
H'FB10
USB
8
3
Interrupt select register 1
ISR1
8
H'FB11
USB
8
3
Interrupt select register 2
ISR2
8
H'FB12
USB
8
3
EP0i data register
EPDR0i
32
H'FB20
USB
8
3
EP0o data register
EPDR0o
32
H'FB24
USB
8
3
EP0s data register
EPDR0s
32
H'FB28
USB
8
3
EP1 data register
EPDR1
32
H'FB30
USB
8
3
EP2 data register
EPDR2
32
H'FB34
USB
8
3
EP3 data register
EPDR3
32
H'FB38
USB
8
3
EP0o receive data size register
EPSZ0o
8
H'FB80
USB
8
3
EP1 receive data size register
EPSZ1
8
H'FB81
USB
8
3
Data status register 0
DASTS0
8
H'FB88
USB
8
3
Data status register 1
DASTS1
8
H'FB89
USB
8
3
Trigger register 0
TRG0
8
H'FB90
USB
8
3
Trigger register 1
TRG1
8
H'FB91
USB
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com